Part Number Hot Search : 
LHR974 A1S109 DTD143TK 2SA1739 60103 LMR12WD CSD2425 001444
Product Description
Full Text Search
 

To Download CRL01PR20FKB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CURRENT SENSE RESISTORS
The content of this specification may change without notification 09/24/08
CRL Series - Low Ohm Surface Mount Chip Resistors
HOW TO ORDER CRL10 R020 J N M
Packaging M = Tape/Reel B = Bulk N=+300 Custom solutions are available.
FEATURES
Resistance Tolerances as low as +1% TCR as low as + 100ppm Wrap Around Terminal for Flow Soldering Anti-Leaching Nickel Barrier Terminations RoHS Compliant Applicable Specifications: EIA575, MIL-R-55342F, and CECC40401
TCR (PPM/C) K=+100 L=+200 O=+400 Q=+600 Tolerance (%) F = +1 G = +2
J = +5
EIA Resistance Value Standard decade values Series Size CRL05 = 0402 CRL16 = 0603 CRL10 = 0805 CRL18 = 1206 CRL14 = 1210 CRL12 = 2010 CRL01 = 2512 CRL01P = 2512 CRL1S = 3720 CRL02 = 7520
DERATING CURVE
DIMENSIONS (mm)
Size 0402 0603 0805 1206 1210 2010 2512 2512-P 3720 7520 L 1.00 + 0.05 1.60 + 0.10 2.00 + 0.15 3.10 + 0.15 3.20 + 0.20 5.00 + 0.15 6.30 + 0.15 6.30 + 0.20 3.75 + 0.20 7.50 + 0.20 W 0.50 + 0.05 0.80 + 0.10 1.25 + 0.15 1.55 + 0.15 + 0.20 - 0.10 2.50 2.50 + 0.15 3.10 + 0.15 3.20 + 0.20 2.00 + 0.20 2.00 + 0.20 D1 0.25 + 0.10 0.30 + 0.20 0.30 + 0.20 0.50 + 0.30 0.50 + 0.20 0.60 + 0.30 0.60 + 0.30 0.70 + 0.30 0.40+ 0.20 0.40+ 0.20 D2 0.20 + 0.10 0.30 + 0.20 0.30 + 0.20 0.40 + 0.20 0.50 + 0.20 0.50 + 0.25 0.50 + 0.25 2.20 + 0.20 0.40 + 0.20 0.40 + 0.20 Tt 0.32 + 0.05 0.45 + 0.10 0.50 + 0.10 0.60 + 0.10 0.60 + 0.10 0.60 + 0.10 0.60 + 0.10 0.60 + 0.10 0.60 + 0.10 0.60 + 0.10
ELECTRICAL CHARACTERISTICS
Operating Voltage V = (P*R) Size 0402 0603 0805 1206 1210 2010 2512 2512-P 3720 7520 Operating Current I = (P/R) Tolerance (%) 1, 2, 5 1, 2, 5 1, 2, 5 1, 2, 5 1, 2, 5 1, 2, 5 1, 2, 5 1, 2, 5 1, 2, 5 1, 2, 5 600 0.020 ~ 0.050 0.020 ~ 0.050 Max TCR (ppm/C) Per Resistance Range in 400 300 200 0.021 ~ 0.049 0.050 ~ 0.910 0.021 ~ 0.049 0.050 ~ 0.910 0.021 ~ 0.049 0.050 ~ 0.910 0.021 ~ 0.049 0.050 ~ 0.910 0.100 ~ 0.18 0.021 ~ 0.049 0.050 ~ 0.910 0.021 ~ 0.049 0.050 ~ 0.910 0.010 ~ 0.050 0.001 ~ 0.010 100 Rated Power 1/16 W 1/8 W 1/4 W 1/2 W 1/2W 3/4 W 1W 2W 1W 2W
0.200 ~ 1.00
0.100 ~ 1.00*
PERFORMANCE
Item Temp. Coefficient of Resistance Short Time Overload Dielectric Withstand Voltage Insulation Resistance Thermal Shock Load Life Humidity (Stable State) Resistance to Dry Heat Low Temperature Operation Bending Strength Solderability Resistance to Soldering Heat Specification As Spec (0.5% + 0.05) By type >1000M (0.5% + 0.05) (1% + 0.05) (1% + 0.05) (0.5% + 0.05) (0.5% + 0.05) (0.5% + 0.05) 95% min. Coverage (0.5% + 0.05) Test Method MIL-STD-202F, Method 304 304 +25/-55/+25/+125/+25C JIS-C-5202-5.5 RCWV*2.5orMax Overloading Voltage 5 seconds MIL-STD-202F, Method 301 Apply Max Overload Voltage for 1 minute MIL-STD-202F, Method 302 Apply 100VDC for 1 minute MIL-STD-202F, Method 107G -55C ~ + 150C, 100 cycles MIL-STD-202F, Method 108A RCWV 70C, 1.5 hrs ON, 0.5 hrs off, 1000 ~ 1048 hrs MIL-STD-202F, Method 103B 40C, 90~95%RH , RCWV 1.5 hrs ON, 0.5 hrs OFF, total 1000 ~ 1048 hrs JIS-C-5202 7.2 96 hours @ +125C without load JIS-C-5202 7.1 1 hour, -65C followed by 45 minutes if RCWV JIS-C-5202 6.1.4 Bending Amplitude 3mm for 10 seconds MIL-STD-202F, Method 208H 235C5C, 20.5 (sec) MIL-STD-202F, Method 210E 2605C ,101second
American Accurate Components, Inc.
188 Technology Drive, Unit H, Irvine, CA 92618 TEL: 949-453-9888 FAX: 949-453-8889
Operating Temp. Range is -55C ~ + 150C
1


▲Up To Search▲   

 
Price & Availability of CRL01PR20FKB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X